PART |
Description |
Maker |
AD7846KPZ 5962-8969701XA 5962-89697013A AD7846ACHI |
16-Bit Voltage Output CMOS DAC PARALLEL, WORD INPUT LOADING, 7 us SETTLING TIME, 16-BIT DAC, PQCC28 LC2MOS 16-Bit Voltage Output DAC
|
Analog Devices, Inc.
|
MAX555 MAX555CQK 1127 |
From old datasheet system 300Msps / 12-Bit DAC with Complementary Voltage Outputs 300Msps, 12-Bit DAC with Complementary Voltage Outputs PARALLEL, WORD INPUT LOADING, 0.015 us SETTLING TIME, 12-BIT DAC, PQCC68
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
28C64AX-20/K 28C64AX-25/K 28C64AX-15I/K 28C64AX-15 |
Evaluation Kit for the MAX5883, MAX5884, MAX5885 Quad, 12-Bit, Low-Power, 2-Wire, Serial Voltage-Output DAC 128Kx8 EEPROM 16-Bit DACs with 16-Channel Sample-and-Hold Outputs Buffered, Fast-Settling, Quad, 12-/10-/8-Bit, Voltage-Output DACs 12-Bit, 250Msps, High-Dynamic-Performance, Dual DAC with LVDS Inputs 12-Bit, Low-Power, Quad, Voltage-Output DAC with Serial Interface 3.3V Transceiver with Two EIA TIA 562 Receivers Active in Shutdown x8的EEPROM
|
Microchip Technology, Inc.
|
P4KE11 P4KE10 P4KE180 P4KE20 P4KE27 P4KE33 P4KE350 |
TRANSIENT VOLTAGE SUPPRESSOR 16-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DAC with 2.5V, 2ppm/C Internal Reference 16-TSSOP -40 to 105 16-Bit, 1.0 GSPS 2x-4x Interpolating Digital-To-Analog Converter (DAC) 64-VQFN -40 to 85
|
EIC discrete Semiconduc... EIC[EIC discrete Semiconductors] Electronics Industry Public Company Limited
|
HDH-1205 |
8-, 10-,12-Bit Video Speed Hybrid Current & Voltage Out D/A Converter PARALLEL, WORD INPUT LOADING, 0.5 us SETTLING TIME, 12-BIT DAC, MDIP24
|
Analog Devices, Inc.
|
MX7248J/D |
Complete, 12-Bit, Voltage-Output Multiplying DAC PARALLEL, WORD INPUT LOADING, 12-BIT DAC, UUC20
|
Maxim Integrated Products, Inc.
|
AD5422 |
Single Channel, 16-Bit, Serial Input, Current Source & Voltage Output DAC
|
Analog Devices
|
ICM7561M ICM7541 ICM7541M ICM7541MG ICM7521 ICM752 |
12/10/8-Bit Low Power Single DAC With Serial Interface and Voltage Output SERIAL INPUT LOADING, 8 us SETTLING TIME, 10-BIT DAC, PDSO8
|
IC MICROSYSTEMS Sdn. Bhd.
|
MAX5223EKA-T |
Low - Power, Dual, 8 - Bit, Voltage Output Serial DAC in 8 - Pin SOT23 SERIAL INPUT LOADING, 50 us SETTLING TIME, 8-BIT DAC, PDSO8
|
Maxim Integrated Products, Inc.
|
AD5313 AD5323 AD5303 AD5303BRU AD5313BRU AD5323BRU |
2.5 V to 5.5 V, 230 uA, Dual Rail-to-Rail Voltage Output 8-/10-/12-Bit DACs SERIAL INPUT LOADING, 6 us SETTLING TIME, 8-BIT DAC, PDSO16 2.5 V to 5.5 V, 230 A Dual Rail-to-Rail, Voltage Output 12-Bit DAC in a 16-Lead TSSOP Package 2.5 V to 5.5 V, 230 A Dual Rail-to-Rail, Voltage Output 8-Bit DAC in a 16-Lead TSSOP Package 2.5 V to 5.5 V, 230 A Dual Rail-to-Rail, Voltage Output 10-Bit DAC in a 16-Lead TSSOP Package 2.5 V to 5.5 V 230 uA Dual Rail-to-Rail Voltage Output 8-/10-/12-Bit DACs 2.5V to 5.5V, Dual Rail-to-Rail, Voltage Output 810/12-Bit DACs
|
AD[Analog Devices]
|
DAC8412ET |
Quad, 12-Bit DAC Voltage Output with Readback; Package: CERDIP GLASS SEAL; No of Pins: 28; Temperature Range: TBD QUAD, PARALLEL, WORD INPUT LOADING, 6 us SETTLING TIME, 12-BIT DAC, CDIP28
|
Analog Devices, Inc.
|
AD5323BRUZ-REEL |
2.5 V to 5.5 V, 230 µA, Dual Rail-to-Rail Voltage Output 12-Bit DAC; Package: TSSOP; No of Pins: 16; Temperature Range: Commercial SERIAL INPUT LOADING, 8 us SETTLING TIME, 12-BIT DAC, PDSO16
|
Analog Devices, Inc.
|
|